PART |
Description |
Maker |
ST6242BQ6 ST6242 ST6242BQ1 ST62T42B ST62E42B |
From old datasheet system 8-BIT OTP/EPROM MCU WITH LCD DRIVER,EEPROM AND A/D CONVERTER 8-BIT OTP/EPROM MCU WITH LCD DRIVER, EEPROM AND A/D CONVERTER
|
STMICROELECTRONICS[STMicroelectronics]
|
ST62E46B |
8-BIT OTP/EPROM MCU WITH LCD DRIVER, EEPROM AND A/D CONVERTER
|
http://
|
ST62T80BQ6 ST62T80B07 |
8-BIT OTP/EPROM MCU WITH LCD DRIVER EEPROM AND A/D CONVERTER
|
STMicroelectronics
|
ST6246BB6 ST6246BB1 ST6246B ST62E46BF1 |
8-BIT MICROCONTROLLER ( MCU ) WITH OTP, ROM, FASTROM, EPROM, LCD DRIVER, EEPROM, A/D CONVERTER AND 56 PINS
|
STMicroelectronics
|
ST6240BQ6 ST6240BQ1 ST62E40BG1 4991 |
8-BIT MICROCONTROLLER ( MCU ) WITH OTP, ROM, FASTROM, EPROM, LCD DRIVER, EEPROM, A/D CONVERTER AND 80 PINS From old datasheet system
|
STMicroelectronics
|
ST62E32BF1 ST6232B |
IC-8-BIT MCU 8K EPROM 8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, 16-BIT AUTO-RELOAD TIMER, EEPROM, SPI AND UART 8位检察官办公存储器与阿微控制 D转换器,16位自动重加载定时器,EEPROM中,SPI和UART
|
意法半导 STMicroelectronics N.V.
|
ST6265BB6_XXX ST62T55C01 ST6265BN6_XXX ST6255CN3/X |
8-BIT MICROCONTROLLER ( MCU ) WITH OTP. ROM. FASTROM. EPROM. A/D CONVERTER. SAFE RESET. AUTO-RELOAD TIMER. EEPROM AND SPI (ST6255C / ST6265C) 8-BIT OTP/EPROM MCUs 8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, SAFE RESET, AUTO-RELOAD TIMER, EEPROM AND SPI
|
ST Microelectronics STMicroelectronics
|
4376 M27V401 M27V401-200B1TR M27V401-200B6TR M27V4 |
4 Mbit 512Kb x8 Low Voltage UV EPROM and OTP EPROM 4兆位512KB的x8低压紫外线EPROM和检察官办公室存储器 2.5-V/3.3-V 16-Bit Bus Transceiver With 3-State Outputs 56-BGA MICROSTAR JUNIOR -40 to 85 4兆位512KB的x8低压紫外线EPROM和检察官办公室存储器 2.5-V/3.3-V 32-Bit Buffers/Drivers With 3-State outputs 96-LFBGA -40 to 85 Quadruple 2-Input Positive-NAND Gates 14-SOIC 0 to 70 2.5-V/3.3-V 16-Bit Bus Transceiver With 3-State Outputs 48-TSSOP -40 to 85 4 Mbit (512Kb x8) Low Voltage UV EPROM and OTP EPROM From old datasheet system 4 Mbit 512Kb x8 or 256Kb x16 UV EPROM and OTP EPROM
|
STMicroelectronics N.V. 意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
ST72141 ST72141K2 ST72141K2B6 ST72141K2M6 ST72T141 |
8-BIT MICROCONTROLLER (MCU) FOR ELECTRIC-MOTOR CONTROL WITH 8K ROM/OTP/EPROM, 256 BYTES RAM,ADC, WDG, SPI & 2 TIMERS, SDIP32-SO34 8-BIT MCU WITH ELECTRIC-MOTOR CONTROL, ADC, 16-BIT TIMERS, SPI INTERFACE ST72141K - 8-BIT MCU FOR ELECTRIC-MOTOR CONTROL WITH ROM/OTP/EPROM, 256 BYTES RAM, ADC, 16-BIT TIMERS, SPI INTERFACE
|
ST Microelectronics
|
ST90135 ST90135M4Q6 ST90135M5Q6 ST90135M6Q6 ST9013 |
8/16-BIT MCU FAMILY WITH UP TO 64K ROM/OTP/EPROM AND UP TO 2K RAM
|
STMICROELECTRONICS[STMicroelectronics]
|
ST90158 5464 |
8/16-BIT MCU FAMILY WITH UP TO 64K ROM/OTP/EPROM AND UP TO 2K RAM From old datasheet system
|
STMicro
|
ST90E158M9G0 ST90158 ST90158M7 ST90158M7LVT6 ST901 |
8/16-BIT MICROCONTROLLER (MCU) WITH 16 TO 64K ROM, OTP OR EPROM, 512 TO 2K RAM - ST9 FAMILY
|
ST Microelectronics
|